Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 12 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 16Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
12 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
3.3.4.
Mode transition diagram
The supported mode transitions are displayed below. If the device is currently performing a measurement, execution of mode
switching commands is delayed until the end of the currently running measurement period. Further mode change commands
are ignored until the last mode change command is executed. Also, mode change commands that are not legal are ignored.
Power OFF
(VDDA or VDDD = 0)
VDDA and VDDD
supplied
Sleep
Normal
(cyclic standby and
measurement periods)
Forced
(one measurement
period)
Figure 4: Mode transition diagram
3.4.
Measurement flow
The BMP388 measurement period consists of a temperature and pressure measurement with selectable oversampling. After
the measurement period, the data are passed through an optional IIR filter, which removes short-term fluctuations in pressure
(e.g. caused by slamming a door). The flow is depicted in the diagram below.
Figure 5: BMP388 measurement cycle
The individual blocks of the diagram above will be detailed in the following subsections.
Measure pressure
(oversampling set by osrs_p;
skip if press_en = 0)
Start
measurement cycle
Measure temperature
(oversampling set by osrs_t;
skip if temp_en = 0)
IIR filter enabled?
End
measurement cycle
IIR filter initialised?
Copy ADC values
to filter memory
(initalises IIR filter)
No
Update filter memory using
filter memory, ADC value
and filter coefficient
No
Yes
Yes
Copy filter memory
to output registers,
send filter memory to FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com