Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 42 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 42 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 46Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
42 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
5.3.2. SPI read
Reading is done by lowering CSB and first sending one control byte. The control bytes consist of the SPI register address (=
full register address without bit 7) and the read command (bit 7 = RW = ‘1’). After writing the control byte, one dummy byte
is sent and there after data bytes. The register address is automatically incremented. The SPI read protocol is shown in
Figure 20.
Figure 20: SPI multiple byte read
5.4.
Interface parameter specification
5.4.1. General interface parameters
The general interface parameters are given in the table below:
Table 46: interface parameters
5.4.2. I²C timings
For I²C timings, the following abbreviations are used:
“S&F mode” = standard and fast mode
“HS mode” = high speed mode
Cb = bus capacitance on SDA line
All other naming refers to I²C specification 2.1 (January 2000).
The I²C timing diagram is shown in
Figure 21. The corresponding values are given in Table 47.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input – low level
Vil
SCK, SDI and CSB
0
*
VDDIO
V
Input – high level
Vih
SCK, SDI and CSB
1
*
VDDIO
V
Output – low level
Vol
SDI, SDO and INT,
iol=3 mA
2
*
VDDIO
V
Output – high level
Voh
SDI, SDO and INT
ioh=1 mA
3
*
VDDIO
V
CSB Pull-up resistor
Rcsb
Internal pull-up
resistance to VDDIO
75
100
125
kΩ
I2C bus load capacitor
Cb
On SDI and SCK
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com