Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMP388 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
2 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
BMP388
Digital pressure sensor
The BMP388 is a digital sensor with pressure and temperature measurement based on proven sensing principles. The sensor
module is housed in an extremely compact 10-pin metal-lid LGA package with a footprint of only 2.0 × 2.0 mm² and max 0.8
mm package height. Its small dimensions and its low power consumption of 3.4 µA @1Hz allow the implementation in battery
driven devices such as mobile phones, GPS modules or watches.
Typical applications
Vertical velocity indication (e.g. rise/sink speed)
Internet of things
Enhancement of GPS navigation
(e.g. time-to-first-fix improvement, dead-reckoning, slope detection)
Indoor navigation & localization (floor detection, elevator detection)
Outdoor navigation, leisure and sports applications
Weather forecast
Health care applications (e.g. spirometry)
Fitness applications like enhancement of calorie detection
AR & VR applications
Context awareness
Target Devices
Flying toys
Drones
Handsets such as mobile phones, tablet PCs, GPS devices
Navigation systems
Portable health care devices
Home weather stations
Watches
White goods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com