Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
21 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
3.7.
Interrupts
The BMP388 provides an interrupt pin (INT), which allows to signal certain events to the host processor. Different events can
be mapped to the interrupt pin, which all are processed with a logical OR.
The available interrupts are listed below and can be read in the “INT_STATUS” register (see 4.3.8):
FIFO watermark interrupt
FIFO full interrupt
Data ready interrupt
3.7.1. Interrupt default mode
After a power-on or soft reset has completed, the interrupt pin is in push-pull and active high mode.
3.7.2. Interrupt pin latching
The chip can be operated in non-latched or latched mode:
Non-latched mode: Interrupts’ conditions are selected as a contributors to the INT pad. INT pad is de-asserted as
soon as the conditions of all the interrupts propagated to the INT pad are not valid.
For data ready, interrupt contribution is de-asserted by reading int_status or after 2.5ms after assertion of the
interrupt.
For FIFO interrupts, INT pad contributions are not affected by fifo_data readings, only by the interrupt conditions
Latched mode: Interrupt statuses are selected as contributors of the INT pad.
The minimum interrupt pulse width is Tint = 1µs
3.7.3. Monitoring
The status of interrupt bits is always visible in the “INT_STATUS” register. (see 4.3.8) for details.
3.7.4. Interrupt Pin Configuration
The interrupt pin / pad is configured by the Bits in the “INT_CTRL” register (see 4.3.14). However, the status bits are not
influenced thereby.
The output mode of the INT pad is controlled by int_od bit:
Table 18: int_od
int_od=’0’
Push-pull
int_od=’1’
Open-drain
The level of the interrupt pad can be configured and switched by int_level between active low and active high:
Table 19: int_level
int_level=’0’
active_low
int_level=’1’
active_high
The latching of interrupts for INT pad and INT_STATUS register can be enabled by int_latch=’1’ or disabled by int_latch=’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com