Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
39 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
5. Digital interfaces
The BMP388 supports the I²C and SPI digital interfaces; it acts as a slave for both protocols. The I²C interface supports the
standard, fast and high speed modes. The SPI interface supports both SPI mode ‘00’ (CPOL = CPHA = ‘0’) and mode ‘11’
(CPOL = CPHA = ‘1’) in 4-wire and 3-wire configuration.
The following transactions are supported:
Single byte write
Multiple byte write (using pairs of register addresses and register data)
Single byte read
Multiple byte read (using a single register address which is auto-incremented)
5.1.
Interface selection
Interface selection is done automatically based on CSB (chip select) status. If CSB is connected to VDDIO, the I²C interface is
active. If CSB is pulled down, the SPI interface is activated. After CSB has been pulled down once (regardless of whether
any clock cycle occurred), the I²C interface is disabled until the next power-on-reset. This is done in order to avoid
inadvertently decoding SPI traffic to another slave as I²C data. Since power-on-reset is only executed when both VDD and
VDDIO are established, there is no risk of incorrect protocol detection due to power-up sequence used. However, if I²C is to
be used and CSB is not directly connected to VDDIO but rather through a programmable pin, it must be ensured that this pin
already outputs the VDDIO level during power-on-reset of the device. If this is not the case, the device will be locked in SPI
mode and not respond to I²C commands.
5.2.
I²C Interface
The I²C slave interface is compatible with Philips I²C Specification Revision 6 (April 2014). For detailed timings refer to Table
47. All modes (standard, fast, high speed) are supported. SDA and SCL are not pure open-drain. Both pads contain ESD
protection diodes to VDDIO and GND.
Figure 14: SDI/SCK ESD drawing
The 7-bit device address is 111011x. The 6 MSB bits are fixed. The last bit is changeable by SDO value and can be changed
during operation. Connecting SDO to GND results in slave address 1110110 (0x76); connection it to VDDIO results in slave
address 1110111 (0x77), which is the same as BMP180’s I²C address. The SDO pin cannot be left floating; if left floating, the
I²C address will be undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com