Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 3 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 3 Page - Bosch Sensortec GmbH

  BMP388 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
3 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
Key features
Table 1: Key Features of BMP388
Package
2.0 mm x 2.0 mm x 0.75 mm metal lid LGA
Digital interface
I²C (up to 3.4 MHz) and SPI (3 and 4 wire, up to 10 MHz)
Supply voltage
VDD main supply voltage range: 1.65 V to 3.6 V
VDDIO interface voltage range: 1.2 V to 3.6 V
Relative accuracy
typ. ± 8 Pa, equiv. to ± 0.66 m
(900 … 1100 hPa, 25 . . . 40 °C )
Absolute accuracy
typ. ± 50 Pa
(300 ...1100 hPa, -20 ...+65 °C)
Temperature coefficient offset
typ. ± 0.75 Pa/K
(0 ... 55°C @700 -1100 hPa)
Current consumption
3.4 µA at 1 Hz pressure and temperature
2.0 µA in sleep mode
Operating range
-40 ‒ +85 °C, 300‒1250 hPa
The product is RoHS compliant, halogen-free, MSL1
BMP388 enables accurate altitude tracking and is specifically suited for drone applications. The best-in-class TCO between
-20-65°C for accurate altitude measurement over a wide temperature range of the BMP388 greatly enhance the drone flying
experience by making accurate steering easier. It is compatible for use with other Bosch sensors, including the new BMI088
for better performance, robustness and stability. The new BMP388 sensor offers outstanding design flexibility, providing a
single package solution that can also be easily integrated into other existing and upcoming devices such as smart homes,
industrial products and wearables.
The sensor is more accurate than its predecessor BMP280, covering a wide measurement range from 300 hPa to 1250 hPa.
This new barometric pressure sensor exhibits an attractive price-performance ratio coupled with low power consumption.
It is available in a compact 10-in 2.0 x 2.0 x 0.75 mm³ LGA package with metal lid
Due to the built-in hardware synchronization of the pressure sensor data and its ability to synchronize data from external
devices such as acceleration sensors, the BMP388 is ideally suited for fitness and navigation applications which require
highly accurate, low power and low latency sensor data fusion.
The new interrupt functionality provides simple access to data and storage. Examples of interrupts than can be used in a
power efficient manner without using software algorithms include: Data ready interrupt, watermark interrupt (on byte level)
or FIFO full interrupt.
BMP388 also includes a new FIFO functionality. This greatly improves ease of use while helping to reduce power
consumption of the overall device system during full operation. The integrated 512 byte FIFO buffer supports low power
applications and prevents data loss in non-real-time systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com