Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 22 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 22 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 26Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
22 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
FIFO interrupts are mapped to the INT pad by enabling the respective functions. For mapping FIFO watermark reached
interrupt to the pad, the fwtm_en bit shall be written to ’1’ (disabling by ‘0’). The FIFO full interrupt can be mapped by writing
ffull_en with ‘1’).
3.7.5. Interrupt functions
3.7.5.1.
FIFO watermark interrupt
The FIFO watermark interrupt is used to signal, that fill level of the FIFO has reached a pre-set limit.
Fifo_length_1 & fifo_length_0
≥
fifo_wtm_1 & fifo_wtm_0
The watermark level can be set and adjusted by the user by writing the registers and 0x15 “FIFO_WTM_0” and 0x16
“FIFO_WTM_1” (see 4.3.11) in a single burst transaction. If the FIFO watermark level is set to zero, the interrupt condition
will never be satisfied.
The status of the watermark interrupt can be read back through the fwm_int bit. The interrupt condition is also updated after
the end of a serial interface transaction which wrote into the registers fifo_wtm_0 or fifo_wtm_1.
Figure 7: FIFO watermark interrupt, non-latched with reads from FIFO
Figure 8: FIFO watermark interrupt, latched, with reads from FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com