Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK
Description  Power Thermistor for Limiting Inrush Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  SCK Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
NTC Thermistor:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
11
www.thinking.com.tw
2018.05
All specifications are subject to change without notice.
Electrical Characteristics
Note 1: □ = Tolerance of R25
Note 2: Special specifications are available upon request.
Part No.
Zero Power
Resistance
at 25°C
Max.
Current
at 25℃
Residual
Resistance
at 25℃ Imax
Recommend
Capacitance
@240Vac
Max.
Power Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
R25(Ω)
Imax(A)
RImax(Ω)
Cth(F)
Pmax(W)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
SCK05052□
5
2
0.429
100
1.8
Approx.
15
Approx.
17
-40 ~ +150
SCK05081□
8
1
1.089
68
SCK05101□
10
1
1.126
100
SCK05121□
12
1
1.184
68
SCK0520X3□
20
0.3
5.560
100
SCK08042□
4
2
0.441
220
2.3
Approx.
16
Approx.
38
-40 ~ +170
SCK084R72□
4.7
2
0.445
220
SCK08053□
5
3
0.261
220
SCK08063□
6
3
0.283
220
SCK08073□
7
3
0.287
220
SCK08082□
8
2
0.520
220
SCK08102□
10
2
0.542
220
SCK08152□
15
2
0.548
100
SCK08201□
20
1
1.544
100
SCK0830X□
30
0.5
4.094
100
SCK10015□
1
5
0.091
470
2.4
Approx.
17
Approx.
43
-40 ~ +170
SCK101R35□
1.3
5
0.095
330
SCK101R55□
1.5
5
0.101
330
SCK102R55A□
2.5
5
0.120
470
SCK10035□
3
5
0.127
560
SCK10044□
4
4
0.161
560
SCK10054□
5
4
0.180
470
SCK106R83□
6.8
3
0.270
330
SCK10083□
8
3
0.278
330
SCK10103□
10
3
0.297
330
SCK10123□
12
3
0.301
470
SCK10133□
13
3
0.356
330
SCK10152X□
15
2.5
0.442
330
SCK10162X□
16
2.5
0.471
330
SCK10202□
20
2
0.646
330
SCK10222□
22
2
0.659
220
SCK10252□
25
2
0.674
330
SCK10302□
30
2
0.700
330
SCK10472□
47
2
0.720
330
SCK10502□
50
2
0.813
330
SCK10801□
80
1
2.236
220
SCK101001□
100
1
2.318
200
SCK101201□
120
1
2.406
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com