Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK Datasheet(PDF) 18 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK
Description  Power Thermistor for Limiting Inrush Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK Datasheet(HTML) 18 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 16Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 17Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 18Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 19Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 20Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 21Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 22Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
NTC Thermistor:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
26
www.thinking.com.tw
2018.05
All specifications are subject to change without notice.
Soldering Recommendation
 Wave Soldering Profile
Recommended Reworking Conditions with Soldering Iron
Item
Condition
Temperature of Soldering Iron-tip
360℃ (max.)
Soldering Time
3 sec. (max.)
Distance from Thermistor
2 mm (min.)
130±20℃
260℃ Max
Tamb
Cooling
Time
Soldering
Preheating
30~90 sec.
<1 sec.
<10 sec.
Note 1
Note 2
Note 3
Note 1:
(1~3℃)/sec.
Note 2:
Approx. 200℃/sec.
Note 3:
5℃/sec. (Max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com