Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK Datasheet(PDF) 7 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK
Description  Power Thermistor for Limiting Inrush Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK Datasheet(HTML) 7 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NTC Thermistor:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
15
www.thinking.com.tw
2018.05
All specifications are subject to change without notice.
Safety Approvals
 UL&cUL File No: E138827
 CSA File No: 97495
 TUV File No: R 50050155
 CQC File No:CQC05001011984,993,985,942,943,944, CQC05001011988,989,990,963,964,965
Body Size
Certified
Model No.
Safety Approvals
Body Size
Certified
Model No.
Safety Approvals
UL
cUL
CSA TUV CQC
UL
cUL CSA TUV CQC
5mm
SCK-052
13mm
SCK-013
SCK-081
SCK-1R37
SCK-101
SCK-2R56
SCK-121
SCK-045
SCK-20X3
SCK-4R74
8mm
SCK-042
SCK-055
SCK-4R72
SCK-074
SCK-053
SCK-084
SCK-063
SCK-104
SCK-073
SCK-124
SCK-082
SCK-153
SCK-102
SCK-163
SCK-152
SCK-183
SCK-201
SCK-203
SCK-30X
15mm
SCK-0R78A
10mm
SCK-015
SCK-018
SCK-1R35
SCK-1R38
SCK-1R55
SCK-1R58
SCK-2R55A
SCK-028
SCK-035
SCK-2R58
SCK-044
SCK-037
SCK-054
SCK-046
SCK-6R83
SCK-056
SCK-083
SCK-065
SCK-103
SCK-075
SCK-123
SCK-085
SCK-133
SCK-105
SCK-152X
SCK-125
SCK-162X
SCK-154
SCK-202
SCK-164
SCK-222
SCK-184
SCK-252
SCK-204
SCK-302
SCK-224
SCK-472
SCK-253
SCK-502
SCK-303
SCK-801
SCK-333
SCK-1001
SCK-403
SCK-1201
SCK-473



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com