Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK Datasheet(PDF) 22 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK
Description  Power Thermistor for Limiting Inrush Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK Datasheet(HTML) 22 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 16Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 17Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 18Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 19Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 20Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 21Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 22Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
NTC Thermistor:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
30
www.thinking.com.tw
2018.05
All specifications are subject to change without notice.
 Quantity
 Bulk Packing
 Reel Packing
 Ammo Packing
Warehouse Storage Conditions of Products
 Storage Conditions:
1. Storage Temperature: -10℃~+40℃
2. Relative Humidity: ≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
 Period of Storage: 1 year
Series
Standard Lead Type
Quantity (pcs/bag)
Cut Lead Type
Quantity (pcs/bag)
L kink Type
Quantity (pcs/bag)
SCK05
250
500
---
SCK08
250
250
200
SCK10
200
250
200
SCK13
100
200
100
SCK15
100
100
100
SCK20
500 (pcs/box)
50
50
SCK25
396 (pcs/box)
396 (pcs/box)
---
SCK30
396 (pcs/box)
396 (pcs/box)
---
Series
D
(mm)
D1
(mm)
W
(mm)
Quantity
(pcs/reel)
SCK05
340±10
31±1
46±1
2,000
SCK08
1,500
SCK10
1,500
SCK13
750
SCK15
52±1
750
SCK20
500
Series
Quantity (pcs/box)
SCK05
1,500
SCK08
1,300
SCK10
1,300
SCK13
600 (P0 12.7mm)
1,000 (P0 15.0mm)
SCK15
500
SCK20
500
Body Size
L
W
H
Φ5~Φ20
345
275
55
(Unit: mm)
W
W
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com