Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK
Description  Power Thermistor for Limiting Inrush Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  SCK Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NTC Thermistor:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
10
www.thinking.com.tw
2018.05
All specifications are subject to change without notice.
Structure and Dimensions
(Unit: mm)
Series
D
P.
d
Amax.
Lmin.
T
W
SCK05
4.5~6.5
4±0.5
0.8±0.02
6.5
31
2.0~5.0
1.9±0.2
SCK08
6.0~9.5
5±0.5
0.8±0.02
9.5
31
2.5~5.0
2.1±0.3
SCK10
9.0~11.5
5±0.5
0.8±0.02
11.5
31
2.5~5.0
2.1±0.3
SCK13
11.5~14.5
7.5±0.5
0.8±0.02
14.5
30
2.5~6.0
2.3±0.3
SCK15
13.0~16.5
7.5±0.5
1.0±0.02
16.5
29
3.0~6.0
2.5±0.3
SCK20
18.0~21.5
7.5±0.5
1.0±0.02
21.5
26
3.5~6.0
2.6±0.3
SCK25
23.0~29.0
7.5±1
1.0±0.02
29.0
25
4.0~6.0
3.1±0.5
SCK30
30.0~36.0
7.5±1
1.0±0.02
36.0
23
4.0~6.0
3.1±0.5
F Type (Y Kink Lead)
(Unit: mm)
Series
D.
P
d
Amax.
Lmin.
T
SCK05
4.5~6.5
4±0.5
0.8±0.02
11.0
29
2.0~5.0
SCK08
6.0~9.5
5±0.5
0.8±0.02
13.0
29
2.5~5.0
SCK10
9.0~11.5
5±0.5
0.8±0.02
15.0
29
2.5~5.0
SCK13
11.5~14.5
7.5±0.5
0.8±0.02
17.5
27
2.5~6.0
SCK15
13.0~16.5
7.5±0.5
1±0.02
19.0
26
3.0~6.0
SCK20
18.0~21.5
7.5±0.5
1±0.02
24.5
25
3.5~6.0
SCK25
23.0~29.0
7.5±1
1±0.02
35.0
22
4.0~6.0
SCK30
30.0~36.0
7.5±1
1±0.02
42.0
22
4.0~6.0
S Type (Straight Lead)
T Type (Y Kink 90° Bend and Outer Kink Lead)
D
T
A
L
d
P
T
A
L
d
P
D
Max. 3mm
(Unit: mm)
Series
D.
P
d
T.
L
Hmax.
L1
L2
SCK08
6.0~9.5
5±0.5
0.8±0.02 2.5~5.0
5.0±0.5
15
7.8±1.0
3.5±0.5
SCK10
9.0~11.5
5±0.5
0.8±0.02 2.5~5.0
5.0±0.5
17
7.8±1.0
3.5±0.5
SCK13
11.5~14.5 7.5±0.5 0.8±0.02 2.5~6.0
5.0±0.5
19
7.8±1.0
3.5±0.5
SCK15
13.0~16.5 7.5±0.5 1.0±0.02 3.0~6.0
4.5±0.5
21
9.0±1.0
3.5±0.5
SCK20
18.0~21.5 7.5±0.5 1.0±0.02 3.5~6.0
4.5±0.5
26
9.0±1.0
3.5±0.5
W
P
D
P
H
L2
L1
d
T
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com