Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK Datasheet(PDF) 8 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK
Description  Power Thermistor for Limiting Inrush Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK Datasheet(HTML) 8 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NTC Thermistor:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
16
www.thinking.com.tw
2018.05
All specifications are subject to change without notice.
Body Size
Certified
Model No.
Safety Approvals
Body Size
Certified
Model No.
Safety Approvals
UL
cUL
TUV
CQC
UL
cUL
TUV
CQC
20mm
SCK200R7
30mm
SCK301R0
SCK201R0
SCK301R5
SCK201R5
SCK302R0
SCK202R0
SCK302R5
SCK202R5
SCK303R0
SCK203R0
SCK304R0
SCK204R0
SCK304R7
SCK204R7
SCK305R0
SCK205R0
SCK306R8
SCK206R0
SCK307R0
SCK206R8
SCK308R0
SCK207R0
SCK30100
SCK208R0
SCK30120
SCK20100
SCK30150
SCK20120
SCK30180
SCK20130
SCK30200
SCK20150
SCK20160
SCK20180
SCK20200
25mm
SCK251R0
SCK251R5
SCK252R0
SCK252R5
SCK253R0
SCK254R0
SCK254R7
SCK255R0
SCK256R8
SCK257R0
SCK258R0
SCK25100
SCK25120
SCK25150
SCK25180
SCK25200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com