Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCK Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK
Description  Power Thermistor for Limiting Inrush Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  SCK Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
NTC Thermistor:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
9
www.thinking.com.tw
2018.05
All specifications are subject to change without notice.
Features
1. RoHS & Halogen Free (HF) compliant
2. Body size:
Ф5mm ~ Ф30mm
3. Radial lead resin coated
4. High power rating
5. Wide resistance range
6. Cost effective
7. Operating temperature range:
Ф5mm: -40℃~+150℃
Ф8~ Ф10mm: -40℃~+170℃
Ф13mm~ Ф30mm: -40℃~+200℃
8. Agency recognition: UL / cUL / TUV / CSA / CQC
Recommended Applications
1. Switch mode power supply
2. Electric motor
3. Transformer
4. Adapter
5. Projector
6. Halogen lamp
7. LED driver circuit
Part Number Code
Ф5mm~ Ф15mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Ф20mm~ Ф30mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Optional Suffix
Y
RoHS & HF
Compliant
Product Type
SCK
THINKING
NTC Thermistor
SCK Series
Body Size
05
Ф5mm
08
Ф8mm
10
Ф10mm
13
Ф13mm
15
Ф15mm
Zero Power
Resistance
at 25℃ (R25)
0R5
0.5Ω
2R5
2.5Ω
08
8Ω
20
20Ω
120
120Ω
Max Steady
State
Current
at 25℃
X3
0.3A
2X
2.5A
8
8A
10
10A
Tolerance
of R25
L
±15%
M
±20%
N
±25%
Appearance
S
Straight lead
F
Y kink lead
T
L kink lead
Optional Suffix
Y
RoHS & HF Compliant
(For SCK05 ~
SCK20 use)
H
RoHS & HF Compliant
(For SCK25 and
SCK30 use)
Product Type
SCK
THINKING
NTC Thermistor
SCK Series
Tolerance
of R25
L
±15%
M
±20%
N
±25%
Appearance
S
Straight lead
F
Y kink lead
T
L kink lead
Body Size
20
Ф20mm
25
Ф25mm
30
Ф30mm
Zero Power
Resistance
at 25℃ (R25)
R25<10Ω
0R7:0.7Ω
2R5:2.5Ω
R25≧10Ω
100:10Ω
470:47Ω
471:470Ω
Packaging
B
Bulk


Similar Part No. - SCK

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
NTC Power Thermistors Inrush Current Limiters
logo
List of Unclassifed Man...
SCK-054 ETC2-SCK-054 Datasheet
115Kb / 1P
NTC THERMISTORS
SCK-083 ETC2-SCK-083 Datasheet
115Kb / 1P
NTC THERMISTORS
SCK-103 ETC2-SCK-103 Datasheet
115Kb / 1P
NTC THERMISTORS
SCK-1201 ETC2-SCK-1201 Datasheet
115Kb / 1P
NTC THERMISTORS
More results

Similar Description - SCK

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57464 EPCOS-B57464 Datasheet
192Kb / 6P
NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
NTC thermistors for inrush current limiting
B57235S0479M000 EPCOS-B57235S0479M000 Datasheet
343Kb / 15P
NTC thermistors for inrush current limiting
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
NTC thermistors for inrush current limiting
logo
Thinking Electronic Ind...
SCK05052L THINKING-SCK05052L Datasheet
1Mb / 19P
Power Thermistor for Limiting Inrush Current
logo
EPCOS
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
NTC thermistors for inrush current limiting
logo
Littelfuse
ST10001B LITTELFUSE-ST10001B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com