Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7890GS Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7890GS
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890GS Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7890GS Datasheet HTML 1Page - Leadtrend Technology LD7890GS Datasheet HTML 2Page - Leadtrend Technology LD7890GS Datasheet HTML 3Page - Leadtrend Technology LD7890GS Datasheet HTML 4Page - Leadtrend Technology LD7890GS Datasheet HTML 5Page - Leadtrend Technology LD7890GS Datasheet HTML 6Page - Leadtrend Technology LD7890GS Datasheet HTML 7Page - Leadtrend Technology LD7890GS Datasheet HTML 8Page - Leadtrend Technology LD7890GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LD7890
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
Pin Descriptions
PIN
NAME
FUNCTION
1
VIN
Power Input pin. Bypass it with a ceramic capacitor of 1
F or greater and
place it close around VIN pin.
2
OVP
Over-voltage protection and Output short protection.
3
EN
Chip enable pin, with internal 950K
 pull-down resistance.
4
RT
To set the resistor for operation frequency.
5
COMP
Compensation circuit for Boost topology.
6
PARL
Multi-chip parallel operation pin.
7,10,13,16
SENSE x
LED Current sense input pin. Connect it to GND through a sense resistor to
regulate to 0.4V. The LED current is programmable according to the equation:
ILED=0.4V/(sense resistance).
8,11,14,17
Gate x
Gate pin, connection to external current source MOSFET. It sends a drive
signal to the external MOSFET to regulate the LED current.
9,12,1518
FB x
Detection pin for minimal voltage of LED light bar. The Boost Controller loop
would select minimal LED Drain pin voltage to regulate output voltage and
detect LED status. The reference voltage for FB pin is 0.8V.
19
STATUS
This pin is open drain output and indicates LED fault operation. Connector
resistor > 50K
Ω.
20
LOSC
Low frequency dimming frequency setting pin.
21
DIM
PWM or DC signal for duty cycle of dimming control signal, with internal pull
down 950K
 Resistance.
22
CS
Current sensing pin for power MOSFET, with threshold voltage of 0.5V and
LEB time of 330nS.
23
GND
IC ground.
24
DRV
Power MOSFET Driver, supplying output voltage level up to 10V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com