Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7890GS Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7890GS
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890GS Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7890GS Datasheet HTML 6Page - Leadtrend Technology LD7890GS Datasheet HTML 7Page - Leadtrend Technology LD7890GS Datasheet HTML 8Page - Leadtrend Technology LD7890GS Datasheet HTML 9Page - Leadtrend Technology LD7890GS Datasheet HTML 10Page - Leadtrend Technology LD7890GS Datasheet HTML 11Page - Leadtrend Technology LD7890GS Datasheet HTML 12Page - Leadtrend Technology LD7890GS Datasheet HTML 13Page - Leadtrend Technology LD7890GS Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LD7890
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
Fig. 7 VIN=24V, VOVP=60V , 250mA/string “LED OPEN”
VSTATUS
COMP
VOUT
IOUT
Fig. 8 VIN=24V, VOVP=60V, FDIM=200Hz,Duty=5%,“LED Open”
VOUT
COMP
IOUT
VSTATUS
Fig. 9 VIN=24V, 250mA/string, RFB=820k, “LED Short”
VSTATUS
COMP
VOUT
IOUT
Fig. 10
VIN=24V,250mA/string,RFB=820k,“LED Short”
IOUT
COMP
VOUT
VSTATUS
Application Information
The LD7890 high-efficiency driver is ideal for LED
backlight
application.
It
incorporates
DC-DC
boost
controller of peak current-mode control and 4 channel
LED driver.
LD7890 features adaptive voltage control that adjusts the
converter output voltage according to the total forward
voltage of LED strings. It minimizes the voltage drop
across the constant current-sink drivers and enhances
power dissipation in the device. It also integrates with LED
short and open protection, cycle by cycle current limit, and
thermal shutdown.
Current-Mode DC-DC Controller and UVLO
The peak current-mode controller allows boost converter
to generate the required output voltage for LED strings.
The switching frequency is programmable in the range
between
100kHz
and
600kHz
through
a
resistor
connected between RT pin and ground.
As the external MOSFET is turned on, the inductor current
will ramp up linearly until it reaches the peak current level
set by CS pin. The peak inductor current is sensed by
measuring the voltage across the current-sense resistor
RCS, which is connected between the source of external
MOSFET and ground. LD7890 features leading edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com