Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7890GS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7890GS
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890GS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7890GS Datasheet HTML 2Page - Leadtrend Technology LD7890GS Datasheet HTML 3Page - Leadtrend Technology LD7890GS Datasheet HTML 4Page - Leadtrend Technology LD7890GS Datasheet HTML 5Page - Leadtrend Technology LD7890GS Datasheet HTML 6Page - Leadtrend Technology LD7890GS Datasheet HTML 7Page - Leadtrend Technology LD7890GS Datasheet HTML 8Page - Leadtrend Technology LD7890GS Datasheet HTML 9Page - Leadtrend Technology LD7890GS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LD7890
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
Absolute Maximum Ratings
VIN
30V
VFB1 to VFB4, VGATE1 to VGATE4, CS
-0.3V ~ 30V
DRV
-0.3V ~ 16V
VSENSE1 to VSENSE4
-0.3V ~ 5.5V
COMP, RT, OVP, DIM, EN, PARL, STATUS, LOSC
-0.3V ~ 5.5V
GND
0.3V
Package Thermal Resistance
TSSOP-EP-24,
JA
50
C/W
SOP-24,
JA
75
C/W
Power Dissipation (Ta=85
C)
TSSOP-EP-24
800mW
SOP-24
867mW
Storage Temperature Range
-65
C ~ 150C
Junction Temperature
150
C
Lead Temperature (Soldering, 10sec)
260
C
ESD Level, Human Body Model
(VSENSE1 to VSENSE4, COMP, RT, OVP, DIM, EN, PARL, STATUS, LOSC)
3.5KV
(VIN, VFB1 to VFB4, VGATE1 to VGATE4, CS, DRV)
2.5KV
ESD Level, Machine Model
200V
Recommended Operating Conditions
Input Supply Voltage
12V ~ 24V
Switching Frequency
100K ~ 600KHz
DIM, EN
0V ~ 5V
PWM Frequency
100Hz ~ 800Hz
PWM Dimming Duty
5% ~ 100%
Operating Junction Temperature Range
-40
C~125C
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com