Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7890GS Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7890GS
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890GS Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7890GS Datasheet HTML 8Page - Leadtrend Technology LD7890GS Datasheet HTML 9Page - Leadtrend Technology LD7890GS Datasheet HTML 10Page - Leadtrend Technology LD7890GS Datasheet HTML 11Page - Leadtrend Technology LD7890GS Datasheet HTML 12Page - Leadtrend Technology LD7890GS Datasheet HTML 13Page - Leadtrend Technology LD7890GS Datasheet HTML 14Page - Leadtrend Technology LD7890GS Datasheet HTML 15Page - Leadtrend Technology LD7890GS Datasheet HTML 16Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LD7890
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
IR Profile for SMD Devices
0
50
100
150
200
250
300
Temp.
(ºc)
Time (sec.)
Ramp up
3ºC/second
max.
217ºC
60 ~ 150 seconds
Peak Temp.
260 -5/+0ºC, 30 seconds
(max.)
Preheat
60 ~ 120 seconds
260
217
Ramp down
6ºC/second max.
Item
Average
Ramp-up Rate
Pre-heat
(150 ~ 200°C)
Time Maintained
Above 217°C
Peak Temp.
Ramp-down
Rate
Required
3°C(max)
/sec
60~120 sec
60~150 seconds
260 +0/-5°C
30 seconds
6°C (max)
/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com