Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7890GS Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD7890GS
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890GS Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD7890GS Datasheet HTML 4Page - Leadtrend Technology LD7890GS Datasheet HTML 5Page - Leadtrend Technology LD7890GS Datasheet HTML 6Page - Leadtrend Technology LD7890GS Datasheet HTML 7Page - Leadtrend Technology LD7890GS Datasheet HTML 8Page - Leadtrend Technology LD7890GS Datasheet HTML 9Page - Leadtrend Technology LD7890GS Datasheet HTML 10Page - Leadtrend Technology LD7890GS Datasheet HTML 11Page - Leadtrend Technology LD7890GS Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LD7890
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
PWM Dimming and EN
EN Logic
Enable
1.5
V
Disable
0.7
V
PWM Pull Down Resistance
950
K
EN Pull Down Resistance
950
K
PWM dimming frequency
100
1k
Hz
LOSC Frequency
CLOSC=2.2nF
0.9
KHz
LOSC Ramp Amplitude
*
Peak
1.2
V
Valley
200
mV
Protection
LED Over Voltage Threshold
OVP
2.4
2.5
2.6
V
LED Over Voltage Hysteresis
OVP Hysteresis
50
80
mV
Short Protection Current
ISP
7.5
10
12.5
A
Short Protection Threshold Voltage
VLEDSP
2.8
3
3.2
V
SENSEN Under Voltage Protection
Threshold
LED Open Protection
0.15
0.2
0.25
V
Boost- Short circuit Protection
OVP pin voltage
0.15
0.2
0.25
V
Thermal Shutdown threshold
150
C
Thermal Shutdown hysteresis
30
C
STATUS Output
Sink Resistance
100
* Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com