Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7890GS Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD7890GS
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890GS Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD7890GS Datasheet HTML 3Page - Leadtrend Technology LD7890GS Datasheet HTML 4Page - Leadtrend Technology LD7890GS Datasheet HTML 5Page - Leadtrend Technology LD7890GS Datasheet HTML 6Page - Leadtrend Technology LD7890GS Datasheet HTML 7Page - Leadtrend Technology LD7890GS Datasheet HTML 8Page - Leadtrend Technology LD7890GS Datasheet HTML 9Page - Leadtrend Technology LD7890GS Datasheet HTML 10Page - Leadtrend Technology LD7890GS Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LD7890
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
Electrical Characteristics
(VIN=12V, VEN=5V, GND=0V, TA=25C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Power
Input Voltage range
9
28
V
VIN Operating Current
EN=DIM=5V,
No load with switching
10
mA
VIN Shutdown Current
EN=DIM=0V
40
80
A
VIN Stand-By Current
EN=5V, DIM=0V
3
mA
Under Voltage Lockout
Lockout Threshold
VINLOCKOUT
7.5
V
Resume Threshold
VINRESUME
8.9
V
Drive Logic
DRV gate driver
*
Source current, VIN=12V
1
A
Sink current, VIN=12V
1.3
A
DRV Output Clamp Level
VIN=24V
8.5
10
13
V
Boost Controller
Adjustable Switching frequency
50
700
kHz
RRT =200k
290
325
360
kHz
Boost Maximum duty cycle
FSW=300kHz
90
96
%
Current Sense Threshold
0.45
0.5
0.55
V
Current Sense LEB Time
Leading edge blanking time
270
330
410
ns
VSET Reference Voltage
0.64
0.8
0.96
V
LED Current Source Regulator :
Reference Voltage for SENSEN
Voltage 0.4V.
(ILED=VSENSE/RSENSE)
VIN=12V~24V
VSENSE_REF =0.4V
3%
V
SENSE Voltage CH to CH Matching
rage
Vsense_ave
×
2
Vsense_min
-
Vsense_max
±2%
%
GATE1~GATE4 High Voltage
EN=DIM=5V,
SENSE[1~4]=0.2V,
5.5
7
V
GATE1~GATE4 Low Voltage
EN=DIM=5V,
SENSE[1~4]=0.6V,
-0.3
0.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com