Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7890GS Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7890GS
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890GS Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7890GS Datasheet HTML 7Page - Leadtrend Technology LD7890GS Datasheet HTML 8Page - Leadtrend Technology LD7890GS Datasheet HTML 9Page - Leadtrend Technology LD7890GS Datasheet HTML 10Page - Leadtrend Technology LD7890GS Datasheet HTML 11Page - Leadtrend Technology LD7890GS Datasheet HTML 12Page - Leadtrend Technology LD7890GS Datasheet HTML 13Page - Leadtrend Technology LD7890GS Datasheet HTML 14Page - Leadtrend Technology LD7890GS Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LD7890
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
blanking time to suppress the switching noise from the
external MOSFET. A PWM comparator compares the
current-sense voltage and the slop compensation signal
with the output of the GM error amplifier. The device will
turn off the external MOSFET when the voltage across CS
exceeds the error amplifier’s output voltage. This process
repeats
every
switching
cycle
to
achieve
peak
current-mode control.
The LD7890 is integrated with under-voltage lockout
(UVLO) function. The device will be disabled as VIN pin
’s
voltage drops below UVLO threshold of 7.5V and will not
resume until it rises up to 8.9V.
Start Up Sequence
As EN is activated, the IC will start to check if OVP
’s
voltage is above 0.2V. If confirmed, the DIM pin will signal
high to boost internal soft start. The Soft start function
would limit inductor current to let it rise linearly and
minimize the input inrush current.
Multi-Chip Parallel Operation
If used in some applications requiring more than 4 strings
or LED, just connect desired numbers of LD7890 in
parallel in a single power stage for it.
In multiple chips operation, each PARL pins should be
connected together and set the master chip to control the
driving signal to the external NMOSFET. Leave the
remaining chips work in slave mode according to the
following terms
(1): Float DRV pin
(2): Short CS to AGND
(3): Slave OVP pin Setting lower than Master
(4): LOSC pin parallel.
Loop compensation
The LD7890 has an internal error amplifier for LED
current regulation for COMP output to compensate the
control loop. The selection of the inductor, output
capacitor, compensation resistor and capacitor would
affect the loop stability. The inductor and output capacitor
are determined based on the terms of performance, size
and cost, while the compensation resistor and capacitor
for COMP are according to the criteria to optimize control
loop stability.
Switching Frequency Selection
LD7890 can operate in fixed frequency mode. The
constant operation frequency is set by an external resistor
connected between RT pin and ground. The resistor sets
the charging current for internal oscillator.
3
.
28
)]
k
(
RT
[
70750
)
kHz
(
FSW
Programming the LED Current
The SENSE pins detect the voltage of the external LED
current bias resistors and individually regulate accurate
voltage to 0.4V. They cooperate with the internal
compensation circuits to eliminate the operating GATE
[1:4] current for NMOS
’s use to secure extremely accurate
LED current matching with each the individual and
independent channel.
)
(
R
V
4
.
0
)
A
(
I
SENSE
LED
External PWM dimming
PWM dimming control will be achieved by applying an
external PWM signal between 100Hz and 800Hz to the
DIM pin.
Internal PWM dimming
Apply DC Voltage (0.2~1.2V) to the DIM Pin in compare
with the LOSC signal to enable PWM Dimming. The
internal frequency is determined by the external capacitor.
If the external capacitor is 2.2nF, its internal frequency is
1KHz typically.
The PWM dimming duty is determined by the DC voltage
ranging between 0.2V and 1.2V. Larger DC voltage
usually produces greater brightness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com