Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2Y Datasheet(PDF) 59 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 59 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 55Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 56Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 57Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 58Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 59Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 60Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 61Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 62Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 63Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 130 page
background image
NUC505
July. 26, 2018
Page 59 of 130
Rev.1.08
Pin No.
Pin Name
Type
MFP
Description
UART1_nRTS
O
MFP3
Request to Send output pin for UART1.
SD_DAT3
I/O
MFP4
SD/SDH mode data line bit 3.
52
VDD
A
MFP0
Power supply for I/O ports, DC 3.3V.
53
AVDDHP
A
MFP0
Power supply for analog CODEC headphone, DC 3.3V.
54
LHPOUT
A
MFP0
Headphone left channel output pin.
55
VCMBF
A
MFP0
Internal CODEC function, keep floating.
56
RHPOUT
A
MFP0
Headphone right channel output pin.
57
AVSSHP
A
MFP0
Ground for analog CODEC headphone.
58
VMID
A
MFP0
Headphone reference power.
59
AVDDCODEC
A
MFP0
Power supply for analog CODEC, DC 3.3V.
60
MIC0_P
A
MFP0
Microphone 0 positive input.
61
MIC0_N
A
MFP0
Microphone 0 negative input.
62
MIC_BIAS
A
MFP0
CODEC left line-in channel or Microphone bias.
63
VDD12
A
MFP0
Power supply for I/O ports, DC 1.2V
64
PD.2
I/O
MFP0
General purpose digital I/O pin.
MIC1_P
A
MFP1
Microphone 1 positive input.
65
PD.3
I/O
MFP0
General purpose digital I/O pin.
MIC1_N
A
MFP1
Microphone 1 negative input.
66
PD.4
I/O
MFP0
General purpose digital I/O pin.
RLINEIN
A
MFP1
CODEC right line-in channel.
67
AVDDADC
A
MFP0
Power supply for analog SAR-ADC, DC 3.3V.
68
AVSSADC
A
MFP0
Ground pin for analog SAR-ADC.
69
PA.0
I/O
MFP0
General purpose digital I/O pin.
ADC_CH0
A
MFP1
ADC channel 0 analog input.
70
PA.1
I/O
MFP0
General purpose digital I/O pin.
ADC_CH1
A
MFP1
ADC channel 1 analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com