Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2Y Datasheet(PDF) 77 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 77 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 73Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 74Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 75Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 76Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 77Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 78Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 79Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 80Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 81Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
NUC505
July. 26, 2018
Page 77 of 130
Rev.1.08
32K byte
SRAM bank0
0x2000_0000
Reserved
0x3FFF_FFFF
32K byte
SRAM bank1
0x2000_7FFF
0x2000_FFFF
0x2000_8000
0x2001_0000
128K byte device
0x1FF0_0000
0x1FF0_7FFF
0x1FF0_FFFF
0x1FF0_8000
128K byte device
remapping
remapping
0x1FF1_0000
0x1FF1_7FFF
0x1FF1_FFFF
0x1FF1_8000
0x2001_7FFF
0x2001_FFFF
0x2001_8000
0x2002_0000
32K byte
SRAM bank2
32K byte
SRAM bank3
32K byte
SRAM bank0
32K byte
SRAM bank1
32K byte
SRAM bank2
32K byte
SRAM bank3
remapping
remapping
Figure 6.2-3 SRAM Memory Organization
Figure 6.2-4 shows the vector map module diagram. Arbitrary memory block in 128 Kbytes SRAM
can be remapped to the SPI flash block and its start address is 0x0000_0000. The location and
size with the memory block are controlled by the register SYS_RVMPADDR[31:0] and the register
SYS_RVMPLEN[31:24]. The SYS_RVMPADDR indicates the start address of the memory block
and SYS_RVMPLEN describes about the size of the memory block (the unit is 1 Kbyte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com