Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2Y Datasheet(PDF) 83 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 83 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 79Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 80Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 81Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 82Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 83Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 84Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 85Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 86Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 87Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 130 page
background image
NUC505
July. 26, 2018
Page 83 of 130
Rev.1.08
29
13
TM3_INT
Timer3 interrupt
30
14
SDH_INT
SDH interrupt
31
15
PWM0_INT
PWM0 interrupt
32
16
PWM1_INT
PWM1 interrupt
33
17
PWM2_INT
PWM2 interrupt
34
18
PWM3_INT
PWM3 interrupt
35
19
RTC_INT
Real Time Clock interrupt
36
20
SPI0_INT
SPI0 interrupt
37
21
I2C1_INT
I2C1 interrupt
38
22
I2C0_INT
I2C0 interrupt
39
23
UART0_INT
UART0 interrupt
40
24
UART1_INT
UART1 interrupt
41
25
ADC_INT
ADC interrupt
42
26
wwdt_INT
Window Watch Dog Timer interrupt
43
27
USBH_INT
USB Host 1.1 interrupt
44
28
UART2_INT
UART2 interrupt
45
29
LVD_INT
Low Voltage Detection interrupt
46
30
SPI1_INT
SPI1 interrupt
47
31
Reserved
Reserved
Table 6.2-5 Interrupt Number Table
Operation Description
6.2.9.2
NVIC interrupts can be enabled and disabled by writing to their corresponding Interrupt Set-Enable or
Interrupt Clear-Enable register bit-field. The registers use a write-1-to-enable and write-1-to-clear
policy, both registers reading back the current enabled state of the corresponding interrupts. When an
interrupt is disabled, interrupt assertion will cause the interrupt to become Pending, however, the
interrupt will not activate. If an interrupt is Active when it is disabled, it remains in its Active state until
cleared by reset or an exception return. Clearing the enable bit prevents new activations of the
associated interrupt.
NVIC interrupts can be pended/un-pended using a complementary pair of registers to those used to
enable/disable the interrupts, named the Set-Pending Register and Clear-Pending Register
respectively. The registers use a write-1-to-enable and write-1-to-clear policy, both registers reading
back the current pended state of the corresponding interrupts. The Clear-Pending Register has no
effect on the execution status of an Active interrupt.
NVIC interrupts are prioritized by updating an 8-bit field within a 32-bit register (each register
supporting four interrupts, and each interrupt uses MSB 4 bits of the 8-bit field).
The general registers associated with the NVIC are all accessible from a block of memory in the
System Control Space and will be described in next section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com