Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2Y Datasheet(PDF) 94 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 94 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 90Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 91Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 92Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 93Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 94Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 95Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 96Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 97Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 98Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 130 page
background image
NUC505
July. 26, 2018
Page 94 of 130
Rev.1.08
UART Interface Controller (UART)
6.10
6.10.1 Overview
The NUC505 series provides three channels of Universal Asynchronous Receiver/Transmitters
(UART). The UART Controller performs a serial-to-parallel conversion on data received from the
peripheral and a parallel-to-serial conversion on data transmitted from the CPU. Each UART
Controller channel supports ten types of interrupts. The UART controller also supports IrDA SIR,
RS-485, auto-flow control function and auto-baud rate measuring function.
6.10.2 Features
Full-duplex asynchronous communications
Separates receive and transmit 16/16(UART0) / 64/64(UART1 and UART2) bytes entry
FIFO for data payloads
Supports hardware auto-flow control ( nCTS and nRTS) with UART1 and UART2
Programmable receiver buffer trigger level
Supports programmable baud rate generator for each channel individually
Supports nCTS and data wake-up function
Supports 8-bit receiver buffer time-out detection function
Programmable transmitting data delay time between the last stop and the next start bit by
setting DLY (UART_TOUT [15:8])
Supports Auto-Baud Rate measurement
Supports break error, frame error, parity error and receive/transmit buffer overflow detection
function
Fully programmable serial-interface features
Programmable number of data bit, 5-, 6-, 7-, 8- bit character
Programmable parity bit, even, odd, no parity or stick parity bit generation and
detection
Programmable stop bit, 1, 1.5, or 2 stop bit generation
Supports IrDA SIR function mode
Supports for 3/16 bit duration for normal mode
Supports LIN function mode (Only UART1 /UART2 with LIN function)
Supports LIN Master/Slave mode
Supports programmable break generation function for transmitter
Supports break detection function for receiver
Supports RS-485 function mode
Supports RS-485 9-bit mode
Supports hardware or software enables to program nRTS pin to control RS-485
transmission direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com