Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2Y Datasheet(PDF) 78 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 78 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 74Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 75Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 76Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 77Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 78Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 79Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 80Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 81Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 82Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 130 page
background image
NUC505
July. 26, 2018
Page 78 of 130
Rev.1.08
SPI
Flash
0x2000_AB00
0x2000_B2FF
2 Kbytes
2 Kbytes
0x2000_0000
0x2001_FFFF
0x0000_0000
0x0000_07FF
0x0000_0800
0x001F_FFFF
Vector
mapping
SYS_RVMPADDR[31:0] = 0x2000_AB00
SYS_RVMPLEN[31:24] = 0x02
Example:
Figure 6.2-4 Vector Map Module Block
6.2.7
AHB Bus Arbitration
The internal bus of NUC505 is an AHB-Compliant Bus and supports to connect with the standard AHB
master or slave. The NUC505 AHB arbiter provides a choice of two arbitration algorithms for
simultaneous requests. These two arbitration algorithms are the Fixed-priority mode and the Round-
robin- priority (rotate) mode. The selection of modes and types is determined in the PRISEL field of
the SYS_AHBCTL control register.
Fixed Priority Mode
6.2.7.1
Fixed priority mode is selected if PRISEL = 0. The order of priorities on the AHB mastership among
the on-chip master modules are listed in Table 6.2-3.
Priority Sequence
(PRISEL = 0)
AHB Bus Priority
1 (Lowest)
Cortex-M4 I
2
Cortex-M4 D
3
Cortex-M4 System
4
SPIM
5
USBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com