Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2Y Datasheet(PDF) 100 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 100 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 96Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 97Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 98Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 99Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 100Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 101Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 102Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 103Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 104Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 130 page
background image
NUC505
July. 26, 2018
Page 100 of 130
Rev.1.08
USB 2.0 Device Controller (USBD)
6.15
6.15.1 Overview
The USB device controller interfaces the AHB bus and the UTMI bus. The USB controller
contains both the AHB master interface and AHB slave interface. CPU programs the USB
controller registers through the AHB slave interface. For IN or OUT transfer, the USB device
controller needs to write data to memory or read data from memory through the AHB master
interface. The USB device controller is complaint with USB 2.0 specification and it contains 12
configurable endpoints in addition to control endpoint. These endpoints could be configured to
BULK, INTERRUPT or ISO. The USB device controller has a built-in DMA to relieve the load of
CPU.
6.15.2 Features
USB Specification reversion 2.0 compliant
Supports 12 configurable endpoints in addition to Control Endpoint
Each of the endpoints can be Isochronous, Bulk or Interrupt and either IN or OUT direction
Three different operation modes of an in-endpoint - Auto Validation mode, Manual
Validation mode, Fly mode
Supports DMA operation
2048 Bytes Configurable RAM used as endpoint buffer
Supports Endpoint Maximum Packet Size up to 1024 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com