Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2Y Datasheet(PDF) 74 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 74 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 70Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 71Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 72Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 73Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 74Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 75Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 76Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 77Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 78Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
NUC505
July. 26, 2018
Page 74 of 130
Rev.1.08
USB
Transceiver
AVDDHP
AVSSHP
AVDDUSB
USB_D+
USB_D-
SRAM
PLL
IO Cell
3.3V à 1.2V
LDO
POR33
POR12
Low
Voltage
Detector
Low
Voltage
Reset
24-bit Audio
CODEC
12 MHz crystal
oscillator
Digital Logic
12-bit ADC
Power On
Control
XT1_OUT
XT1_IN
GPIO
1.2V
3.3V
3.3V
LDO_CAP
4.7uF
NUC505 power distribution
AVDDCODEC
3.3V
3.3V
32.768 kHz
crystal
oscillator
RTC
32 bytes
backup
register
3.3V
Figure 6.2-1 NuMicro
® NUC505 Power Distribution Diagram
6.2.5
System Memory Mapping
The NUC505 provides a 4G-byte address space for programmers. The memory locations assigned to
each on-chip modules are shown in Table 6.2-2. The detailed registers and memory addressing or
programming will be described in the following sections for individual on-chip modules. The NUC505
only supports little-endian data format.
Address Space
Token
Modules
Memory Space
0x1FFF_0000
– 0x1FFF_7FFF
IBR_BA
Internal Boot ROM (IBR) Memory Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com