Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2Y Datasheet(PDF) 116 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 116 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 112Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 113Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 114Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 115Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 116Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 117Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 118Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 119Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 120Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 130 page
background image
NUC505
July. 26, 2018
Page 116 of 130
Rev.1.08
7.4.6
USB PHY Specifications
USB DC Electrical Characteristics
7.4.6.1
Symbol
Parameter
Conditions
Min.
Typ
Max.
Unit
VIH
Input high (driven)
2.0
-
-
V
VIL
Input low
-
-
0.8
V
VDI
Differential input sensitivity
USB_DP-USB_DM
0.2
-
-
V
VCM
Differential
common-mode range
Includes VDI range
0.8
-
2.5
V
VSE
Single-ended receiver threshold
0.8
-
2.0
V
Receiver hysteresis
-
400
-
mV
VOL
Output low (driven)
0
-
0.3
V
VOH
Output high (driven)
2.8
-
3.6
V
VCRS
Output signal cross voltage
1.3
-
2.0
V
RPU
Pull-up resistor
1.425
-
1.575
kΩ
VTRM
Pull-down resistor
14.25
-
15.75
kΩ
ZDRV
Termination Voltage for upstream
port pull up (RPU)
3.0
-
3.6
V
CIN
Driver output resistance
Steady state drive*
28
-
49.5
Ω
VIH
Transceiver capacitance
Pin to VSS
-
-
20
pF
Note: Driver output resistance does not include series resistor resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com