Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2Y Datasheet(PDF) 121 Page - Nuvoton Technology Corporation

Part # NUC505-YO2Y
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2Y Datasheet(HTML) 121 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2Y Datasheet HTML 117Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 118Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 119Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 120Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 121Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 122Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 123Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 124Page - Nuvoton Technology Corporation NUC505-YO2Y Datasheet HTML 125Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 130 page
background image
NUC505
July. 26, 2018
Page 121 of 130
Rev.1.08
7.4.9
I
2S Dynamic Characteristics
Symbol
Parameter
Min.
Max.
Unit
Test Conditions
th(WS)
I2S clock high time
42
-
ns
Master fPCLK = 12.288 MHz, data: 24
bits, audio frequency = 48 kHz
tsu(WS)
I2S clock low time
37
-
th(WS)
LRCLK valid time
7
-
Master mode
DuCy(SCK)
LRCLK hold time
1
-
Master mode
tsu(SD_MR)
LRCLK setup time
34
-
Slave mode
tsu(SD_SR)
LRCLK hold time
0
-
Slave mode
th(SD_MR)
I2S slave input clock
duty cycle
25
75
%
Slave mode
th(SD_SR)
Data input setup time
0
-
ns
Master receiver
tv(SD_ST)
0
-
Slave receiver
th(SD_ST)
Data input hold time
0
-
Master receiver
tv(SD_MT)
0
-
Slave receiver
th(SD_MT)
Data output valid time
-
32
Slave transmitter (after enable edge)
th(WS)
Data output hold time
16
-
Slave transmitter (after enable edge)
tsu(WS)
Data output valid time
-
5
Master transmitter (after enable edge)
th(WS)
Data output hold time
0
-
Master transmitter (after enable edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com