Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R6DN Datasheet(PDF) 29 Page - Nuvoton Technology Corporation

Part # N32905R6DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R6DN Datasheet(HTML) 29 Page - Nuvoton Technology Corporation

Back Button N32905R6DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 31Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 32Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 33Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
N3291xUxDN Data Sheet
- 29 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
5.3 Audio DAC Characteristics
Conditions: AVDD:3.3V, VDD:1.2V, TA:25℃, Fsignal:1KHz, Fsampling:48KHz, MCLK:256xFsampling
PARAMETER
MIN
TYP
MAX
UNIT
Operating Voltage AVDD
3.0
3.3
3.6
V
Operating Voltage VDD
1.08
1.2
1.34
V
Reference Voltage
-
AVDD/2
-
V
Line Output
Resolution
-
16
-
Bit
L-Channel Total Harmonic Distortion (THD)
-
-90
-76
dB
R-Channel Total Harmonic Distortion (THD)
-
-90
-76
dB
Dynamic Range (-60dB input, A-weighted)
90
101.6
-
dB
SNR (A-weighted)
90
101.6
-
dB
Channel Separation
-
100
-
dB
Channel Matching
-
0.2
-
dB
Full Scale output voltage
-
AVDD(3.3)
-
Vrms
Load Resistor
10
-
-
Kohm
Load Capacitor
-
-
50
pF
Analog Mute
-
100
-
dB
Headphone Output
Maximum Output Power (Po) @ 32ohm load
-
-
31
mW
Maximum Output Power (Po) @ 16ohm load
-
-
62
mW
L-Channel SNR (A-weighted)
90
96
-
dB
R-Channel SNR (A-weighted)
90
96
-
dB
L-Channel THD @ 32ohm load, Po=10mW
-
-76
-70
dB
R-Channel THD @ 32ohm load, Po=10mW
-
-76
-70
dB
Power Supply Current in Normal Mode (including PLL, no loading)
AVDD(3.3V)
-
8.7
-
mW
VDD (1.2V)
-
0.7
-
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com