Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R6DN Datasheet(PDF) 7 Page - Nuvoton Technology Corporation

Part # N32905R6DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R6DN Datasheet(HTML) 7 Page - Nuvoton Technology Corporation

Back Button N32905R6DN Datasheet HTML 3Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 4Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
N3291xUxDN Data Sheet
- 7 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
Video Decoder
Support H.264 AVC baseline profile level-3 and compliant with ISO/IEC 14496-10 visual
standard, SVGA (800x600) @ 30fps.
Support MPEG-4 part-II simple profile level-3 decoder and compliant with ISO/IEC 14496-
2 visual standard, SVGA (800x600) @ 30fps.
Support H.263 P3 decoder, SVGA (800x600) @ 30fps.
Support Sorenson Spark decoder, D1 (720x480) @ 30fps.
Support real-time 30fps video decompression and resolution can up to 720×480.
Error resilience: Slice Resynchronization, Data Partitioning and Reversible VLC.
VPOST
8/16/18/24-bit SYNC type and 8/9/16/18/24-bit MPU type TFT LCD supported.
Color format supported:
YCbCr422, RGB565, RGB555, and RGB888 color formats supported for data in.
YCbCr422, RGB565, RGB555, and RGB888 color formats supported for data out.
XGA (1024x768), SVGA (800x600), WVGA (800x480), D1 (720X480), VGA (640x480),
WQVGA (480x272), QVGA (320x240) and HVGA (320x480) resolution supported.
The maximum resolution is up to D1 (720X480) for TV output.
The maximum resolution is up to 1024X768 for TFT LCD panel.
Display scaler – to fit different size of LCD panels.
Horizontal: At most 4.0x scale.
Vertical: At most 3.0x scale.
For SYNC type LCD:
For 8-bit bus
CCIR601 YCbCr422 packet mode (NTSC/PAL) supported.
CCIR601 RGB Dummy mode (NTSC/PAL) supported.
CCIR656 interface supported.
RGB Through mode supported.
For 16/18/24-bit bus
Parallel pixel data output mode (1-pixel/1-clock).
NTSC/PAL interlace & non-interlace output supported.
Color format transform supported:
Color format transform between YCbCr422 and RGB565.
Color format transform from YCbCr422 to RGB888.
TV encoder supported.
Dual screen, outputs to TV and LCDwith same content, supported.
LCD panel should be 320X240 MPU-type, or 8-bit SYNC-type LCD panel with TV
timing
Notch filter for NTSC supported to remove the rainbow color effect.
Support OSD function to overlap system information like battery life, brightness tuning,
volume tuning or muting, etc.
SPU (Sound Processing Unit)
7-bit volume control supported.
5-bit pan control supported.
10-band equalizer supported.
13-bit DFA supported for source sampling rate control.
Audio DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com