Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R6DN Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part # N32905R6DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R6DN Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button N32905R6DN Datasheet HTML 4Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
N3291xUxDN Data Sheet
- 8 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
16-bit stereo DAC supported with headphone driver output.
H/W volume control supported.
Built-in PLL for supporting various sampling rate.
I2S Controller
I2S interface supported to connect external audio codec.
16/18/20/24-bit data format supported.
Storage Interface Controller
Interface to NAND Flash:
8-bit data bus width supported.
SLC and MLC type NAND Flash supported.
512B, 2KB, 4KB, and 8KB page size NAND Flash supported.
ECC4, ECC8, ECC12, ECC15 and ECC24 algorithm supported for ECC generation,
error detection and error correction.
Interface to SD/MMC/SDIO/SDHC/micro-SD cards supported.
SD-to-NAND flash bridge supported.
DMA function supported to accelerate the data transfer between system memory and
NAND Flash or SD/MMC/SDIO/SDHC/micro-SD.
USB Device Controller
USB2.0 HS (High-Speed) x 1 port.
6 configurable endpoints supported.
Control, Bulk, Interrupt and Isochronous transfers supported.
Suspend and remote wakeup supported.
USB Host Controller
USB1.1 Host x 2 ports.
Fully compliant with USB Revision 1.1 specification.
Open Host Controller Interface (OHCI) Revision 1.0 compatible.
Full-speed (12Mbps) and low-speed (1.5Mbps) USB devices supported.
Control, Bulk, Interrupt and Isochronous transfers supported.
Timer & Watch-Dog Timer
Two 32-bit with 8-bit pre-scalar timers supported.
One programmable 24-bit Watch-Dog Timer supported.
PWM
4 PWM channel outputs supported.
16-bit counter supported for each PWM channel.
Two 8-bit pre-scalars supported and each pre-scalar shared by two PWM channels.
Two clock-dividers supported and each divider shared by two PWM channels.
Two Dead-Zone generators supported and each generator shared by two PWM channels.
Auto reloaded mode and one-shot pulse mode supported.
Capture function supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com