Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R6DN Datasheet(PDF) 23 Page - Nuvoton Technology Corporation

Part # N32905R6DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R6DN Datasheet(HTML) 23 Page - Nuvoton Technology Corporation

Back Button N32905R6DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 27Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
N3291xUxDN Data Sheet
- 23 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
TV Out
TVDAC_TVOUT
O
Composite/Chroma Output
Connect an external 75
Ω resistor to ground of TVDAC as TV terminal
impedence
SPI1_CLK
O
SPI Port 1 Serial Clock
I2S_DOUT
O
I2S Serial Data Output
ISCK
IO
I2C Serial Clock
GPG[2]
IO
GPIO Port G bit 2
TVDAC_REXT
IO
External Resistor Connection
Recommend to connect 160
Ω resistor to ground of TVDAC
SPI1_CS0_
O
SPI Port 1 Chip Select
I2S_BCLK
I
I2S Bit Clock
GPG[3]
IO
GPIO Port G bit 3
TVDAC_COMP
O
External Capacitor Connection
Connect 0.1uF capacitor to VDD33 of TVDAC
SPI1_DI
I
SPI Port 1 Serial Data Input
I2S_WS
O
I2S Interface Word Select, Output
GPG[4]
IO
GPIO Port G bit 4
TVDAC_VREF
O
Reference Voltage Output
Connect 0.1uF capacitor to ground of TVDAC
SPI1_DO
O
SPI Port 1 Serial Data Output
I2S_MCLK
O
I2S Master Clock
ISDA
IO
I2C Serial Data
GPG[5]
IO
GPIO Port G bit 5
ADC & Touch Panel
MIC_BIAS
I
MIC ADC Bias Voltage
I2S_BCLK
I
I2S Bit Clock
GPG[11]
I
GPIO Port G bit 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com