Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R6DN Datasheet(PDF) 9 Page - Nuvoton Technology Corporation

Part # N32905R6DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R6DN Datasheet(HTML) 9 Page - Nuvoton Technology Corporation

Back Button N32905R6DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
N3291xUxDN Data Sheet
- 9 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
UART
A high speed UART supported:
Baud rate is up to 1M bps.
4 signals TX, RX, CTS and RTS supported.
A normal UART supported:
Baud rate is up to 115.2K bps.
2 signals TX and RX supported only.
SPI
Two SPI interfaces are supported.
Both master and slave mode are supported in SPI interface 0.
Only master mode is supported in SPI interface 1.
Byte transfer with configurable stop interval supported.
I2C
One I2C channel supported.
Compatible with Philips’s I2C standard and only master mode supported.
Multi-master operation supported.
Advanced Interrupt Controller
Total 32 interrupt source supported.
Configurable interrupt type:
Low-active level triggered interrupt.
High-active level triggered interrupt.
Low-active edge (falling edge) triggered interrupt.
High-active edge (rising edge) triggered interrupt.
Individual interrupt mask bit for each interrupt source.
8 different priority levels supported.
Daisy-chain priority mechanism supported for interrupts with same priority level.
Low priority interrupt automatic masking supported for interrupt nesting.
RTC
Independent power plane supported
Dual clock source are supported, accurate 32.768 KHz crystal oscillation circuit and built-
in coarse 32KHz RC-oscillator.
Time counter (second, minute, hour) and Calendar counter (day, month, year) supported.
Alarm supported (second, minute, hour, day, month and year).
12/24-hour mode and Leap year supported.
Alarm to wake chip up from Standby mode or from Power-down mode supported.
Wake chip up from Power-down mode by input pin supported.
Power-off chip by register setting supported.
Power-on timeout is supported for low battery protection.
GPIO
88 programmable general purpose I/Os supported and separated into 5 groups.
Individual configuration supported for each I/O signal.
Configurable interrupt control functions supported.
Configurable de-bounce circuit supported for interrupt function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com