Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R6DN Datasheet(PDF) 10 Page - Nuvoton Technology Corporation

Part # N32905R6DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R6DN Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Back Button N32905R6DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
N3291xUxDN Data Sheet
- 10 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
General-purpose ADC
Multi-channel, 10-bit ADC supported
2 channels dedicated for 4-wire resistive touch sensor inputs.
3 channels reserved for various purposes, like LVD (Low Voltage Detection), keypad
input, and light sensor.
Input voltage range from 0V ~ 3.3V supported.
Maximum 25MHz input clock supported.
Maximum 150K/s conversion rate supported.
LVR (Low Voltage Reset) supported.
Microphone ADC
Built-in Programmable Gain Control (PGC) circuit
Built-in Bias circuit
10-bit ADC supported
Keypad Interface (KPI)
Matrix Key Pad Interface Supported.
Maximum 8x8 and minimum 3x3 keypad matrix supported.
Configurable key de-bounce supported.
Low power wakeup mode supported.
Configurable three-key reset supported.
AES (Advance Encryption Standard) Engine
Support both encryption and decryption.
Support only CBC (Cipher Block Chaining) mode.
All three kinds of key length: 128, 192, 256 bits are supported.
Built-in DMA supported.
Power Management
Advanced power management including Power Down, Deep Standby, CPU Standby, and
Normal Operating modes.
Normal Operating Mode
Core power is 1.2V and chip is in normal operation.
CPU Standby Mode
Core power is 1.2V and only ARM CPU clock is turned OFF.
Deep Standby Mode
Core power is 1.2V and all IP clocks are turned OFF.
Power Down Mode
Only the RTC power is ON. Other 3.3V and 1.2V power are OFF.
Software Support
Development Tools
Bootloader / Diagnostic Program / NAND Writer Program: ADS 1.2 or RVDS 2.x or 3.x
Linux Kernel (2.6.17.14) / System Manager: GCC 4.2
TurboWriter / Sync Tool: Microsoft VC 6.0
NAND Flash File System
FAT12, FAT16 and FAT32 with long filename are supported.
Hidden disk is supported.
RAM disk is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com