Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R6DN Datasheet(PDF) 25 Page - Nuvoton Technology Corporation

Part # N32905R6DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R6DN Datasheet(HTML) 25 Page - Nuvoton Technology Corporation

Back Button N32905R6DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905R6DN Datasheet HTML 29Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
N3291xUxDN Data Sheet
- 25 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
ADAC_HPOUT_R
O
Audio Headphone Right Channel Output
ADAC_HPOUT_L
O
Audio Headphone Left Channel Output
ADAC_VREF
O
Audio DAC Reference Voltage Output
Recommend to connect 1uF capacitor to ground of Audio DAC
Power/Ground
MVDD18
P
SDRAM I/F Power (1.8V)
MVDDQ18
P
SDRAM I/F Power (1.8V)
RTC_VDD33
P
RTC Core, I/F & 32768Hz Crystal Power
UD_VDD33
P
USB 2.0 PHY Power (3.3V)
UD_VDD12
P
USB 2.0 PHY Power (1.8V)
TVDAC_VDD33
P
TV DAC Power (3.3V)
ADC_VDD33
P
ADC Power (3.3V)
ADC_VSS33
G
ADC Ground (0V)
ADAC_HPVDD33
P
Audio DAC Headphone Driver Power (3.3V)
ADAC_HPVSS33
G
Audio DAC Headphone Driver Ground (0V)
ADAC_AVDD33
P
Audio DAC Power (3.3V)
ADAC_VSS33
G
Audio DAC Ground (0V)
VDD33
P
I/O Power (3.3V)
VDD18
P
Core Logic Power (1.8V)
VSS
G
Ground (0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com