Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885ZP66 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
22
Freescale Semiconductor
Bus Signal Timing
B33a
CLKOUT rising edge to GPL valid, as
requested by control bit GxT3 in the
corresponding word in the UPM
(MAX = 0.25
× B1 + 6.80)
7.60
14.30
6.30
13.00
3.80
10.50
3.13
10.00
ns
B34
A(0:31), BADDR(28:30), and D(0:31) to
CS valid, as requested by control bit CST4
in the corresponding word in the UPM
(MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B34a
A(0:31), BADDR(28:30), and D(0:31) to
CS valid, as requested by control bit CST1
in the corresponding word in the UPM
(MIN = 0.50
× B1 – 2.00)
13.20
—
10.50
—
5.60
—
4.25
—
ns
B34b
A(0:31), BADDR(28:30), and D(0:31) to
CS valid, as requested by CST2 in the
corresponding word in UPM
(MIN = 0.75
× B1 – 2.00)
20.70
—
16.70
—
9.40
—
6.80
—
ns
B35
A(0:31), BADDR(28:30) to CS valid, as
requested by control bit BST4 in the
corresponding word in the UPM
(MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B35a
A(0:31), BADDR(28:30), and D(0:31) to
BS valid, as requested by BST1 in the
corresponding word in the UPM
(MIN = 0.50
× B1 – 2.00)
13.20
—
10.50
—
5.60
—
4.25
—
ns
B35b
A(0:31), BADDR(28:30), and D(0:31) to
BS valid, as requested by control bit BST2
in the corresponding word in the UPM
(MIN = 0.75
× B1 – 2.00)
20.70
—
16.70
—
9.40
—
7.40
—
ns
B36
A(0:31), BADDR(28:30), and D(0:31) to
GPL valid, as requested by control bit
GxT4 in the corresponding word in the
UPM (MIN = 0.25
× B1 – 2.00)
5.60
—
4.30
—
1.80
—
1.13
—
ns
B37
UPWAIT valid to CLKOUT falling edge 8
(MIN = 0.00
× B1 + 6.00)
6.00
—
6.00
—
6.00
—
6.00
—
ns
B38
CLKOUT falling edge to UPWAIT valid 8
(MIN = 0.00
× B1 + 1.00)
1.00
—
1.00
—
1.00
—
1.00
—
ns
B39
AS valid to CLKOUT rising edge 9
(MIN = 0.00
× B1 + 7.00)
7.00
—
7.00
—
7.00
—
7.00
—
ns
B40
A(0:31), TSIZ(0:1), RD/WR, BURST, valid
to CLKOUT rising edge
(MIN = 0.00
× B1 + 7.00)
7.00
—
7.00
—
7.00
—
7.00
—
ns
B41
TS valid to CLKOUT rising edge (setup
time) (MIN = 0.00
× B1 + 7.00)
7.00
—
7.00
—
7.00
—
7.00
—
ns
Table 9. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com