Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885ZP66 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
74
Freescale Semiconductor
FEC Electrical Characteristics
Figure 74 shows the MII asynchronous inputs signal timing diagram.
Figure 74. MII Async Inputs Timing Diagram
15.4 MII Serial Management Channel Timing (MII_MDIO, MII_MDC)
Table 37 provides information on the MII serial management channel signal timing. The FEC functions correctly
with a maximum MDC frequency in excess of 2.5 MHz. The exact upper bound is under investigation.
Figure 75 shows the MII serial management channel timing diagram.
Figure 75. MII Serial Management Channel Timing Diagram
Table 37. MII Serial Management Channel Timing
Num
Characteristic
Min
Max
Unit
M10
MII_MDC falling edge to MII_MDIO output invalid (minimum
propagation delay)
0—
ns
M11
MII_MDC falling edge to MII_MDIO output valid (max prop delay)
—
25
ns
M12
MII_MDIO (input) to MII_MDC rising edge setup
10
—
ns
M13
MII_MDIO (input) to MII_MDC rising edge hold
0
—
ns
M14
MII_MDC pulse width high
40%
60%
MII_MDC period
M15
MII_MDC pulse width low
40%
60%
MII_MDC period
MII_CRS, MII_COL
M9
M11
MII_MDC (output)
MII_MDIO (output)
M12
M13
MII_MDIO (input)
M10
M14
MM15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com