Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885ZP66 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
Freescale Semiconductor
11
DC Characteristics
6
DC Characteristics
Table 6 provides the DC electrical characteristics for the MPC885/880.
2 Maximum power dissipation at V
DDL = VDDSYN= 1.9 V, and VDDH is at 3.5 V.
NOTE
The values in Table 5 represent VDDL-based power dissipation and do not
include I/O power dissipation over VDDH. I/O power dissipation varies
widely by application due to buffer current, depending on external
circuitry.
The VDDSYN power dissipation is negligible.
Table 6. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage
VDDL (Core)
1.7
1.9
V
VDDH (I/O)
3.135
3.465
V
VDDSYN
1
1 The difference between V
DDL and VDDSYN cannot be more than 100 mV.
1.7
1.9
V
Difference
between
VDDL and
VDDSYN
—
100
mV
Input high voltage (all inputs except EXTAL and EXTCLK) 2
2 The signals PA[0:15], PB[14:31], PC[4:15], PD[3:15], PE(14:31), TDI, TDO, TCK, TRST, TMS, MII1_TXEN, MII_MDIO
are 5-V tolerant. The minimum voltage is still 2.0 V.
VIH
2.0
3.465
V
Input low voltage 3
3 V
IL(max) for the I
2C interface is 0.8 V rather than the 1.5 V as specified in the I2C standard.
VIL
GND
0.8
V
EXTAL, EXTCLK input high voltage
VIHC
0.7*(VDD
H)
VDDH
V
Input leakage current, Vin = 5.5 V (except TMS, TRST, DSCK and
DSDI pins) for 5-V tolerant pins 2
Iin
—
100
µA
Input leakage current, Vin = VDDH (except TMS, TRST, DSCK, and
DSDI)
IIn
—10
µA
Input leakage current, Vin = 0 V (except TMS, TRST, DSCK and DSDI
pins)
IIn
—10
µA
Input capacitance 4
Cin
—20
pF
Output high voltage, IOH = –2.0 mA,
except XTAL and open-drain pins
VOH
2.4
—
V
Output low voltage
IOL = 2.0 mA (CLKOUT)
IOL = 3.2 mA 5
IOL = 5.3 mA 6
IOL = 7.0 mA (TXD1/PA14, TXD2/PA12)
IOL = 8.9 mA (TS, TA, TEA, BI, BB, HRESET, SRESET)
VOL
—0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com