Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885ZP66 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
70
Freescale Semiconductor
UTOPIA AC Electrical Specifications
Figure 70 shows signal timings during UTOPIA receive operations.
Figure 70. UTOPIA Receive Timing
Table 32. UTOPIA Slave (Split Bus Mode) Electrical Specifications
Num
Signal Characteristic
Direction
Min
Max
Unit
U1
UtpClk rise/fall time (external clock option)
Input
4 ns
ns
Duty cycle
40
60
%
Frequency
33
MHz
U2
UTPB, SOC, Rxclav and Txclav active delay
Output
2 ns
16 ns
ns
U3
UTPB_AUX, SOC_Aux, RxEnb, TxEnb, RxAddr, and TxAddr setup
time
Input
4 ns
ns
U4
UTPB_AUX, SOC_Aux, RxEnb, TxEnb, RxAddr, and TxAddr hold
time
Input
1 ns
ns
UtpClk
UTPB
RxEnb
U1
3
2
SOC
4
RxClav
PHREQn
3
4
High-Z at MPHY
High-Z at MPHY
U1
U2
U3
U4
U4
U3
U2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com