Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885ZP66 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
77
Freescale Semiconductor
Mechanical Data and Ordering Information
Table 39 contains a list of the MPC885 input and output signals and shows multiplexing and pin assignments.
Table 39. Pin Assignments
Name
Pin Number
Type
A[0:31]
M16, N18, N19, M19, M17, M18, L16, L19, L17, L18, K19, K18, K17,
K16, J19, J17, J18, J16, E19, H18, H17, G19, F17, G17, H16, F19, D19,
H19, E18, G18, F18, D18
Bidirectional
Three-state
D[0:31]
P2, M1, L1, K2, N1, K4, H3, F2, P1, L4, L3, L2, N3, N2, K3, K1, J2, M4,
J1, J3, H2, H1, J4, M3, G2, G1, G3, M2, H4, F1, E1, F3
Bidirectional
Three-state
TSIZ0
REG
G16
Bidirectional
Three-state
TSIZ1
E17
Bidirectional
Three-state
RD/WR
D13
Bidirectional
Three-state
BURST
C10
Bidirectional
Three-state
BDIP
GPL_B5
A13
Output
TS
A12
Bidirectional
Active pull-up
TA
C12
Bidirectional
Active pull-up
TEA
B12
Open-drain
BI
D12
Bidirectional
Active pull-up
IRQ2
RSV
B10
Bidirectional
Three-state
IRQ4
KR
RETRY
SPKROUT
C7
Bidirectional
Three-state
CR
IRQ3
A11
Input
BR
D11
Bidirectional
BG
C11
Bidirectional
BB
B11
Bidirectional
Active pull-up
FRZ
IRQ6
D10
Bidirectional
IRQ0
N4
Input
IRQ1
P3
Input
IRQ7
P4
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com