Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885ZP66 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
10
Freescale Semiconductor
Thermal Characteristics
4
Thermal Characteristics
Table 4 shows the thermal characteristics for the MPC885/880.
5
Power Dissipation
Table 5 provides information on power dissipation. The modes are 1:1, where CPU and bus speeds are equal, and
2:1, where CPU frequency is twice bus speed.
Table 4. MPC885/880 Thermal Resistance Data
Rating
Environment
Symbol
Value
Unit
Junction-to-ambient 1
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
Natural convection
Single-layer board (1s)
RθJA
2
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
37
°C/W
Four-layer board (2s2p)
RθJMA
3
3 Per JEDEC JESD51-6 with the board horizontal
25
Airflow (200 ft/min)
Single-layer board (1s)
RθJMA
3
30
Four-layer board (2s2p)
RθJMA
3
22
Junction-to-board 4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
RθJB
17
Junction-to-case 5
5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate
method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature. For exposed
pad packages where the pad would be expected to be soldered, junction-to-case thermal resistance is a simulated
value from the junction to the exposed pad without contact resistance.
RθJC
10
Junction-to-package top 6
6 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.
Natural convection
ΨJT
2
Airflow (200 ft/min)
ΨJT
2
Table 5. Power Dissipation (PD)
Die Revision
Bus
Mode
CPU
Frequency
Typical 1
1 Typical power dissipation at V
DDL = VDDSYN = 1.8 V, and VDDH is at 3.3 V.
Maximum 2
Unit
0
1:1
66 MHz
310
390
mW
80 MHz
350
430
mW
2:1
133 MHz
430
495
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com