Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC885ZP66 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
49
Freescale Semiconductor
CPM Electrical Characteristics
Figure 46 shows the port C interrupt detection timing.
Figure 46. Port C Interrupt Detection Timing
12.3 IDMA Controller AC Electrical Specifications
Table 18 provides the IDMA controller timings as shown in Figure 47 to Figure 50.
Figure 47. IDMA External Requests Timing Diagram
Table 18. IDMA Controller Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
40
DREQ setup time to clock high
7
—
ns
41
DREQ hold time from clock high 1
1 Applies to high-to-low mode (EDM=1)
TBD
—
ns
42
SDACK assertion delay from clock high
—
12
ns
43
SDACK negation delay from clock low
—
12
ns
44
SDACK negation delay from TA low
—
20
ns
45
SDACK negation delay from clock high
—
15
ns
46
TA assertion to falling edge of the clock setup time (applies to external TA)7
—
ns
Port C
35
36
(Input)
41
40
DREQ
(Input)
CLKO
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com