Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP085 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 9
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
Note:
(1) Pull-up resistors for I
2C bus, R
p = 2.2k
... 10k , typ. 4.7k
Sensor
element
E
2PROM
ADC
Control
Unit
BMP085
SCL
SDA
GND
VDDD
Rp
(1)
Rp
(1)
XCLR
Display
1.8 ... 3.6V
100nF
VDDA
EOC
µController
e. g. 8 bit
I
2C interface
Typical application circuit:
Note:
The BMP085 can be supplied independently with different levels of VDDA and VDDD, which is not
possible with the SMD500. In case of different voltage levels, VDDA and VDDD shall have a 100nF
decoupling capacitor each.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com