Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP085 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMP085 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 2
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
BMP085 Digital pressure sensor
Key features
Pressure range:
300 ... 1100hPa (+9000m ... -500m above sea level)
Supply voltage:
1.8 ... 3.6V (VDDA)
1.62V ... 3.6V (VDDD)
LCC8 package:
Robust, ceramic lead-less chip carrier (LCC) package
Small footprint:
5.0mm x 5.0mm
Super-flat:
1.2mm height
Low power:
5µA at 1 sample / sec. in standard mode
Low noise:
0.06hPa (0.5m) in ultra low power mode
0.03hPa (0.25m) ultra high resolution mode
down to 0.1m (rms noise) possible
- Temperature measurement included
- I
2C interface
- Fully calibrated
- Pb-free, halogen-free and RoHS compliant,
- MSL 1
New features comparison
BMP085
SMD500
Smaller package height
1.2mm
1.55mm
Faster conversion time (standard mode each)
7.5ms (max.)
34ms
Faster I
2C data transfer
max. 3.4MHz
max. 400kHz
Extended min. supply voltage
min. 1.8V
min. 2.2V
Lower stand-by current (typ.)
0.1µA
0.7µA
External clock
not necessary
necessary
Typical applications
• Enhancement of GPS navigation (dead-reckoning, slope detection, etc.)
• In- and out-door navigation
• Leisure and sports
• Weather forecast
• Vertical velocity indication (rise/sink speed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com