Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP085 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 19
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
5 Package
5.1 Pin configuration
Picture shows the device in top view. Device pins are shown here transparently only for
orientation purposes.
Pin No. Name
Function
Type
1
GND
Ground
Power
2
EOC
End of conversion
Digital output
3
VDDA
Power supply
Power
4
VDDD
Digital power supply
Power
5
NC
no internal connection
-
6
SCL
I
2C serial bus clock input
Digital input
7
SDA
I
2C serial bus data
Digital bi-directional
8
XCLR
master clear (low active) input
Digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com