Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP085 Datasheet(PDF) 12 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 16Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 12
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
3.4 Calibration coefficients
The 176 bit E
2PROM is partitioned in 11 words of 16 bit each. These contain 11 calibration
coefficients. Every sensor module has individual coefficients. Before the first calculation of
temperature and pressure, the master reads out the E
2PROM data.
The data communication can be checked by checking that none of the words has the value 0 or
0xFFFF.
BMP085 reg adr
Parameter
MSB
LSB
AC1
0xAA
0xAB
AC2
0xAC
0xAD
AC3
0xAE
0xAF
AC4
0xB0
0xB1
AC5
0xB2
0xB3
AC6
0xB4
0xB5
B1
0xB6
0xB7
B2
0xB8
0xB9
MB
0xBA
0xBB
MC
0xBC
0xBD
MD
0xBE
0xBF
3.5 Calculating pressure and temperature
The mode (ultra low power, standard, high, ultra high resolution) can be selected by the variable
oversampling_setting (0, 1, 2, 3) in the C code.
The universal code SMD500/BMP085 is fully upward compatible to SMD500 and recognizes
automatically the device ID. Thus, the SMD500 can be replaced "on the fly" by the BMP085
without changing hardware or software.
Calculation of true temperature and pressure in steps of 1Pa (= 0.01hPa = 0.01mbar) and
temperature in steps of 0.1°C.
The following figure shows the detailed algorithm for pressure and temperature measurement.
This algorithm is available to customers as reference C source code (“BMP085_SMD500_API”)
from Bosch Sensortec and via its sales and distribution partners. Please contact your Bosch
Sensortec representative for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com