Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP085 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 13
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
Calculation of pressure and temperature for BMP085
C code function:
type:
bmp085_get_cal_param
AC1 (0xAA, 0xAB)
(16 bit)
AC1 =
408
short
AC2 (0xAC, 0xAD)
(16 bit)
AC2 =
-72
short
AC3 (0xAE, 0xAF)
(16 bit)
AC3 =
-14383
short
AC4 (0xB0, 0xB1)
(16 bit)
AC4 =
32741
unsigned short
AC5 (0xB2, 0xB3)
(16 bit)
AC5 =
32757
unsigned short
AC6 (0xB4, 0xB5)
(16 bit)
AC6 =
23153
unsigned short
B1 (0xB6, 0xB7)
(16 bit)
B1 =
6190
short
B2 (0xB8, 0xB9)
(16 bit)
B2 =
4
short
MB (0xBa, 0xBB)
(16 bit)
MB =
-32768
short
MC (0xBC, 0xBD)
(16 bit)
MC =
-8711
short
MD (0xBE, 0xBF)
(16 bit)
MD =
2868
short
bmp085_get_ut
UT =
27898
long
oss =
0
= oversampling_setting
short (0 .. 3)
(ultra low power mode)
bmp085_get_up
UP =
23843
long
bmp085_get_temperature
X1 = (UT - AC6) * AC5 / 2
1 5
X1 =
4743
long
X2 = MC * 2
11 / (X1 + MD)
X2 =
-2344
long
B5 = X1 + X2
B5 =
2399
long
T = (B5 + 8) / 2
4
T =
150
temp in 0.1°C
long
BMP085_calpressure
B6 = B5 - 4000
B6 =
-1601
long
X1 = (B2 * (B6 * B6 / 2
12 )) / 211
X1 =
1
long
X2 = AC2 * B6 / 2
11
X2 =
56
long
X3 = X1 + X2
X3 =
57
long
B3 = ((AC1*4+X3) << oss + 2) / 4
B3 =
422
long
X1 = AC3 * B6 / 2
13
X1 =
2810
long
X2 = (B1 * (B6 * B6 / 2
12
)) / 2
16
X2 =
59
long
X3 = ((X1 + X2) + 2) / 2
2
X3 =
717
long
B4 = AC4 * (unsigend long)(X3 + 32768) / 2
15
B4 =
33457
unsigned long
B7 = ((unsigned long)UP - B3) * (50000 >> oss)
B7 =
1171050000
unsigned long
if (B7 < 0x80000000) { p = (B7 * 2) / B4 }
p =
70003
long
else { p = (B7 / B4) * 2 }
long
X1 = (p / 2
8
) * (p / 2
8
)
X1 =
74529
long
X1 = (X1 * 3038) / 2
16
X1 =
3454
long
X2 = (-7357 * p) / 2
16
X2 =
-7859
long
p = p + (X1 + X2 + 3791) / 2
4
p =
69964
press. in Pa
long
display temperature and pressure value
calculate true pressure
calculate true temperature
read uncompensat ed pressure value
write 0x34+(oss<<6) into reg 0xF4, wait
read reg 0xF6 (MSB), 0xF7 (LSB), 0xF8 (XLSB)
example:
Read calibration data
from the E
2
PROM of the BMP085
read out E
2PROM registers, 16 bit, MSB first
read uncompensated temperature value
UT = MSB << 8 + LSB
UP = (MSB<<16 + LSB<<8 + XLSB) >> (8-oss)
write 0x2E into reg 0xF4, wait 4.5ms
read reg 0xF6 (MSB), 0xF7 (LSB)
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com