Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP085 Datasheet(PDF) 22 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 22 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 26Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 22
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
5.3 Device marking
The device lid shows the following laser-marking:
Pin 1 identifier
Date code
Bosch logo / vent hole / last 3 digits of part ID (TTN)
Lot ID
The vent hole (diameter 0.5mm) is in the center of the lid, between the Bosch logo and the part
ID code (144).
5.4 Tape on reel
Number of parts per reel: 3,000
Orientation of the parts inside the reel is according to EN60286-3.
Carrier tape material: Conductive polystyrene C 100,
10
3 – 106 Ohm/sq.
Dimensions are in mm:
A0 = 5.30 ± 0.10
B0 = 5.30 ± 0.10
K0 = 2.10 ± 0.10
P
= 8.00 ± 0.10
W
= 12.00 +0.30 / -0.10
t
= 0.30 ± 0.05
The bars between the cavities are embossed about 0.2mm into the direction of K0. All other
dimensions and tolerances follow the EIA 481 standard.
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com